Electronic Components Datasheet Search
  English  ▼

X  

OPA191ID Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191ID
Description  OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA191ID Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA191ID Datasheet HTML 8Page - Texas Instruments OPA191ID Datasheet HTML 9Page - Texas Instruments OPA191ID Datasheet HTML 10Page - Texas Instruments OPA191ID Datasheet HTML 11Page - Texas Instruments OPA191ID Datasheet HTML 12Page - Texas Instruments OPA191ID Datasheet HTML 13Page - Texas Instruments OPA191ID Datasheet HTML 14Page - Texas Instruments OPA191ID Datasheet HTML 15Page - Texas Instruments OPA191ID Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Input Offset Voltage (PV)
0
6
12
18
24
30
36
42
48
-75
-60
-45
-30
-15
0
15
30
45
60
75
Input Offset Voltage (PV)
0
6
12
18
24
30
36
42
48
-75
-60
-45
-30
-15
0
15
30
45
60
75
Input Offset Voltage (PV)
0
6
12
18
24
30
36
42
48
-50
-40
-30
-20
-10
0
10
20
30
40
50
Input Offset Voltage (PV)
0
6
12
18
24
30
36
42
48
-50
-40
-30
-20
-10
0
10
20
30
40
50
Input Offset Voltage (PV)
0
6
12
18
24
30
36
42
48
-50
-40
-30
-20
-10
0
10
20
30
40
50
Input Offset Voltage (PV)
0
5
10
15
20
25
30
35
-25
-20
-15
-10
-5
0
5
10
15
20
25
12
OPA191, OPA2191, OPA4191
SBOS701C – DECEMEBER 2015 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
TA = 25°C
Figure 1. Offset Voltage Production Distribution
TA = 125°C
Figure 2. Offset Voltage Production Distribution
TA = 85°C
Figure 3. Offset Voltage Production Distribution
TA = 0°C
Figure 4. Offset Voltage Production Distribution
TA = –25°C
Figure 5. Offset Voltage Production Distribution
TA = –40°C
Figure 6. Offset Voltage Production Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com