Electronic Components Datasheet Search
  English  ▼

X  

MSP3451G Datasheet(PDF) 73 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 73 Page - Micronas

Back Button MSP3451G Datasheet HTML 69Page - Micronas MSP3451G Datasheet HTML 70Page - Micronas MSP3451G Datasheet HTML 71Page - Micronas MSP3451G Datasheet HTML 72Page - Micronas MSP3451G Datasheet HTML 73Page - Micronas MSP3451G Datasheet HTML 74Page - Micronas MSP3451G Datasheet HTML 75Page - Micronas MSP3451G Datasheet HTML 76Page - Micronas MSP3451G Datasheet HTML 77Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
MICRONAS INTERMETALL
73
4.6.3.9. Analog Performance
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Specifications for 8-V Operation
SNR
Signal-to-Noise Ratio
from Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
85
88
dB
Input Level =
−20 dB with
resp. to VAICL, fsig = 1 kHz,
equally weighted
20 Hz...16 kHz
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s1)
→
SCn_OUT_s1)
93
96
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...20 kHz
from I2S Input to SCART Output
SCn_OUT_s1)
85
88
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...15 kHz
from I2S Input to Main/AUX-Output
for Analog Volume at 0 dB
for Analog Volume at
−30 dB
DACp_s1)
85
78
88
83
dB
dB
Input Level =
−20 dB,
fsig = 1 kHz,
equally weighted
20 Hz...15 kHz
THD
Total Harmonic Distortion
from Analog Input to I2S Output
MONO_IN,
SCn_IN_s1)
0.01
0.03
%
Input Level =
−3 dBr with
resp. to VAICL, fsig = 1 kHz,
equally weighted
20 Hz...16 kHz
from Analog Input to
SCART Output
MONO_IN,
SCn_IN_s
→
SCn_OUT_s1)
0.01
0.03
%
Input Level =
−3 dBr,
fsig = 1 kHz,
equally weighted
20 Hz...20 kHz
from I2S Input to SCART Output
SCn_OUT_s1)
0.01
0.03
%
Input Level =
−3 dBr,
fsig = 1 kHz,
equally weighted
20 Hz...16 kHz
from I2S Input to Main or AUX Out-
put
DACA_s,
DACM_s1)
0.01
0.03
%
Input Level =
−3 dBr,
fsig = 1 kHz,
equally weighted
20 Hz...16 kHz
1) “n” means “1”, “2”, “3”, or “4”;
“s” means “L” or “R”;
“p” means “M” or “A”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com