Electronic Components Datasheet Search
  English  ▼

X  

MSP3451G Datasheet(PDF) 91 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 91 Page - Micronas

Back Button MSP3451G Datasheet HTML 87Page - Micronas MSP3451G Datasheet HTML 88Page - Micronas MSP3451G Datasheet HTML 89Page - Micronas MSP3451G Datasheet HTML 90Page - Micronas MSP3451G Datasheet HTML 91Page - Micronas MSP3451G Datasheet HTML 92Page - Micronas MSP3451G Datasheet HTML 93Page - Micronas MSP3451G Datasheet HTML 94Page - Micronas MSP3451G Datasheet HTML 95Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
MICRONAS INTERMETALL
91
6.3.6. FIR-Parameter, Registers FIR1 and FIR2
Note: The use of this register is no longer recom-
mended. It should be used only in cases where soft-
ware compatibility to the MSP 34x0D is required.
Using the STANDARD SELECTION register together
with the MODUS register provides a more economic
way to program the MSP 34x1G.
Data-shaping and/or FM/AM bandwidth limitation is
performed by a pair of linear phase Finite Impulse
Response filters (FIR-filter). The filter coefficients are
programmable and are either configured automatically
by the STANDARD SELECT register or written manu-
ally by the control processor via the control bus. Two
not necessarily different sets of coefficients are
required: one for MSP-Ch1 (NICAM or FM2) and one
for MSP-Ch2 (FM1 = FM-mono). In Table 6–13 several
coefficient sets are proposed.
To load the FIR-filters, the following data values are to
be
transferred
8
bits
at
a
time
embedded
LSB-bound in a 16-bit word.
The loading sequences must be obeyed. To change a
coefficient set, the complete block FIR1 or FIR2 must
be transmitted.
Note: For compatibility with MSP 3410B, IMREG1 and
IMREG2 have to be transmitted. The value for
IMREG1 and IMREG2 is 004. Due to the partitioning to
8-bit units, the values 04hex, 40hex, and 00hex arise.
6.3.7. DCO-Registers
Note: The use of this register is no longer recom-
mended. It should be used only in cases where soft-
ware-compatibility to the MSP 34x0D is required.
Using the STANDARD SELECTION register together
with the MODUS register provides a more economic
way to program the MSP 34x1G.
When selecting a TV-sound standard by means of the
STANDARD SELECT register, all frequency tuning is
performed automatically.
If manual setting of the tuning frequency is required, a
set of 24-bit registers determining the mixing frequen-
cies of the quadrature mixers can be written manually
into the IC. In Table 6–14, some examples of DCO reg-
isters are listed. It is necessary to divide them up into
low part and high part. The formula for the calculation
of the registers for any chosen IF frequency is as fol-
lows:
INCRdec = int(f/fs ⋅ 2
24)
with: int = integer function
f
= IF frequency in MHz
fS = sampling frequency (18.432 MHz)
Conversion of INCR into hex-format and separation of
the 12-bit low and high parts lead to the required regis-
ter values (DCO1_HI or _LO for MSP-Ch1, DCO2_HI
or LO for MSP-Ch2).
Table 6–12: Loading sequence for FIR-coefficients
FIR1
00 01hex (MSP-Ch1: NICAM/FM2)
No.
Symbol Name
Bits
Value
1
NICAM/FM2_Coeff. (5)
8
see Table 6–13
2
NICAM/FM2_Coeff. (4)
8
3
NICAM/FM2_Coeff. (3)
8
4
NICAM/FM2_Coeff. (2)
8
5
NICAM/FM2_Coeff. (1)
8
6
NICAM/FM2_Coeff. (0)
8
FIR2
00 05hex (MSP-Ch2: FM1/AM)
No.
Symbol Name
Bits
Value
1IMREG1
8
04hex
2IMREG1/ IMREG2
8
40hex
3IMREG2
8
00hex
4
FM/AM_Coef (5)
8
see Table 6–13
5
FM/AM_Coef (4)
8
6
FM/AM_Coef (3)
8
7
FM/AM_Coef (2)
8
8
FM/AM_Coef (1)
8
9
FM/AM_Coef (0)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com