Electronic Components Datasheet Search
  English  ▼

X  

MSP3451G Datasheet(PDF) 25 Page - Micronas

Part # MSP3451G
Description  Multistandard Sound Processor Family with Virtual Dolby Surround
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3451G Datasheet(HTML) 25 Page - Micronas

Back Button MSP3451G Datasheet HTML 21Page - Micronas MSP3451G Datasheet HTML 22Page - Micronas MSP3451G Datasheet HTML 23Page - Micronas MSP3451G Datasheet HTML 24Page - Micronas MSP3451G Datasheet HTML 25Page - Micronas MSP3451G Datasheet HTML 26Page - Micronas MSP3451G Datasheet HTML 27Page - Micronas MSP3451G Datasheet HTML 28Page - Micronas MSP3451G Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
PRELIMINARY DATA SHEET
MSP 34x1G
MICRONAS INTERMETALL
25
3.3.2. Description of User Registers
Table 3–7: Standard Codes for STANDARD SELECT register
MSP Standard Code
(Data in hex)
TV Sound Standard
Sound Carrier
Frequencies in MHz
MSP 34x1G Version
Automatic Standard Detection
00 01
Start Automatic Standard Detection
all
Standard Selection
00 02
M-Dual FM-Stereo
4.5/4.724212
3401, -11, -21, -41, -51
00 03
B/G -Dual FM-Stereo1)
5.5/5.7421875
3401, -11, -51
00 04
D/K1-Dual FM-Stereo2)
6.5/6.2578125
00 05
D/K2-Dual FM-Stereo2)
6.5/6.7421875
00 06
D/K -FM-Mono with HDEV33), not detectable by Automatic
Standard Detection,
HDEV33) SAT-Mono (i.e. Eutelsat, s. Table 6–17)
6.5
00 07
D/K3-Dual FM-Stereo
6.5/5.7421875
00 08
B/G -NICAM-FM1)
5.5/5.85
3411, -51
00 09
L -NICAM-AM
6.5/5.85
00 0A
I -NICAM-FM
6.0/6.552
00 0B
D/K -NICAM-FM2)
6.5/5.85
00 0C
D/K -NICAM-FM with HDEV24), not detectable by Automatic
Standard Detection, for China
6.5/5.85
00 0D
D/K -NICAM-FM with HDEV33), not detectable by Automatic
Standard Detection, for China
6.5/5.85
00 20
BTSC-Stereo
4.5
3421, -31, -41, -51
00 21
BTSC-Mono
+ SAP
00 30
M-EIA-J Japan Stereo
4.5
3421, -41, -51
00 40
FM-Stereo Radio
10.7
3421, -31, -41, -51
00 50
SAT-Mono (s. Table 6–17)
6.5
3401, -11, -51
00 51
SAT-Stereo (s. Table 6–17)
7.02/7.20
00 60
SAT ADR (Astra Digital Radio)
7.2
1) In case of Automatic Sound Select, the B/G-codes 3
hex and 8hex are equivalent.
2) In case of Automatic Sound Select, the D/K-codes 4
hex, 5hex and Bhex are equivalent.
3) HDEV3: Max. FM deviation must not exceed 540 kHz
4) HDEV2: Max. FM deviation must not exceed 360 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com