Electronic Components Datasheet Search
  English  ▼

X  

UPD765B Datasheet(PDF) 7 Page - NEC

Part # UPD765B
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD765B Datasheet(HTML) 7 Page - NEC

Back Button UPD765B Datasheet HTML 3Page - NEC UPD765B Datasheet HTML 4Page - NEC UPD765B Datasheet HTML 5Page - NEC UPD765B Datasheet HTML 6Page - NEC UPD765B Datasheet HTML 7Page - NEC UPD765B Datasheet HTML 8Page - NEC UPD765B Datasheet HTML 9Page - NEC UPD765B Datasheet HTML 10Page - NEC UPD765B Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AC Characteristics (cont)
Parameter
Symbol
Min Typ (1) Max Unit Conditions
delay from DRQ
800
ns S-MHz CLK
Note 4
delay
from DRQ
250
ns
response time
from DRQ
12
Notes:
(1) Typical values for TA = 25°C and nominal supply voltage.
(2) Under software controLThe range is from 1
ms to 16ms at 8-Mhz
clock period, and 2 ms to 32 ms at
4-Mhz
clock period.
(3) When one device is executing
a SEEK operation, SENSE DRIVE
STATUS is executed on another device.
(4) Double these values for a
4-MHZ
clock period
(5)
Thedrivesiderating
has a variance of ~5Ons from the minimum
value.
liming Waveforms
Processor Read Operation
Processor
Write
Operation
CS, DACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com