Electronic Components Datasheet Search
  English  ▼

X  

UPD765B Datasheet(PDF) 9 Page - NEC

Part # UPD765B
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD765B Datasheet(HTML) 9 Page - NEC

Back Button UPD765B Datasheet HTML 5Page - NEC UPD765B Datasheet HTML 6Page - NEC UPD765B Datasheet HTML 7Page - NEC UPD765B Datasheet HTML 8Page - NEC UPD765B Datasheet HTML 9Page - NEC UPD765B Datasheet HTML 10Page - NEC UPD765B Datasheet HTML 11Page - NEC UPD765B Datasheet HTML 12Page - NEC UPD765B Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NEC
uPD765A/uPD765B
liming Waveforms (Cont)
Write Clock
Index
I
INDEX
Internal
Registers
The uPD765A/uPD765B
contains two registers which
may be accessed by the main system processor: a sta-
tus register and a data register. The 8-bit
main status
register contains the status information of the FDC, and
may be accessed at any time. The 8-bit
data register
(which actually consists of four registers, STO-ST3,
in a
stack with only one register presented to the data bus at
a time), stores data, commands, parameters, and FDD
status information. Data bytes are read out of, or written
into, the data register in order to program or obtain the
results after a particular command (table 3). Only the
status register may be read and used to facilitate the
transfer of data between the processor and uPD765A/
uPD765B.
The relationship between the status/data registers and
the signals RD, WR, and A0 is shown in table 1.
Table 1. Status/Data Register Addressing
A0
RD
WR
Function
00
1
Read main status register
0
1
0
Illegal
0
0
0
Illegal
1
0
0
Illegal
1
0
1
Read from data register
11
0
Write into data register
The bits in the main status register are defined in
table 2.
Table 2. Main Status Register
No.
Name
Function
DB0
D0B
(FDD 0 Busy)
FDD number 0 is in the seek mode. II any
of the DnB bits IS set FDC will not accept
read or write command.
DB1
D1B
(FDD 1 Busy)
FDD number1 is in the seek mode. If any of
the DnB bits IS set FDC will not accept read
or write command.
DB2
D2B
(FDD 2 Busy)
FDD number 2 is in the seek mode If any
of the DnB bits IS set FDC will not acceot
DB3
D3B
read or write command
(FDD 3 Busy)
FDD number 3 is in the seek mode. If any
of the DnB bits IS set FDC will not accept
read or write command
DB4
CB
A Read or Write command is in orocess.
(FDC Busy)
FDC will not accept any other command.
DB5
EXM
This bit is set only during execution
ohase
(Execution
Mode)
in non-DMA mode When DB5 goes low,
execution phase has ended and result
phase has started. It operates only during
non-DMA mode of operation
D
B
6
DIO
Indicates direction of data transfer be-
(Data Input/Output) tween FDC and data regrster If DIO=1,
then transfer is from data register to the
processor. If DIO = 0, then transfer is from
the processor to data register.
D
B
7
RQM
Indicates
data register IS ready to send or
(Request for Master)
receive data to or from the processor Both
bits DIO and RQM should be used to per-
form
the
hand-shaking
functions
of
“ready” and “directron” to the processor
The DIO and RQM bits in the status register indicate
when data is ready and in which direction data will be
transferred on the data bus. See figure 1.
Figure 1.
DIO and RQM
Data
In/Out
(DIO)
Out
FDC
and
Into
Processor
Out Processor and Into FDC
II
C
5-l 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com