Electronic Components Datasheet Search
  English  ▼

X  

UPD765B Datasheet(PDF) 12 Page - NEC

Part # UPD765B
Description  Single/Double Density Floppy-Disk Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD765B Datasheet(HTML) 12 Page - NEC

Back Button UPD765B Datasheet HTML 8Page - NEC UPD765B Datasheet HTML 9Page - NEC UPD765B Datasheet HTML 10Page - NEC UPD765B Datasheet HTML 11Page - NEC UPD765B Datasheet HTML 12Page - NEC UPD765B Datasheet HTML 13Page - NEC UPD765B Datasheet HTML 14Page - NEC UPD765B Datasheet HTML 15Page - NEC UPD765B Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
uPD765A/ uPD765B
Command Symbol Description (cont)
Command Symbol Description (cont)
SRT
SRT stands for the steooino rate for the FDD (1 to
(Step Rate Time)
16 ms in 1 ms increments). Stepping rate applies
to all drives (FH=1ms,
EH=2ms,
etc.).
STO-ST3
(Status O-3)
STO-ST3 stands for one of four registers which
store the status information after a command has
been executed. This information IS available
dur-
ing the result phase after command execution.
These registers should not be confused with the
main status register (selected by Ao=O).
STO-ST3 may be read only after a command has
been executed and contains
information relevant
to that particular command
Table 4. Instruction Set (Notes 1,2)
Name
Function
STP
US0, US1
(Unit Select)
During a scan operation if STP=1, the data in
contiguous sectors is compared byte by byte with
data sent from the processor (or DMA); and if
STP=2, then alternate sectorsare read and com-
pared
US stands for a selected drive number 0 or
3
Phase
Read Data
Command
Instruction
Code
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Remarks
w
MT
MF
SK
0
0
1
10
Command codes
W
X
X
X
X
X
HD
US1
US0
(Note 3)
W
C
Sector ID
prior to command execution
The 4 bytes
W
H
are compared against header on floppy disk.
w
R
W
N
W
EOT
w
GQL
w
DTL
Execution
Result
ST0
ST1
ST2
C
H
Data transfer between the FDD and main system
Status Information after command execution
Sector ID Information after command execution
RR
R
N
Read Deleted Data
Command
W
MT
MF
SK
0
1
1
0
0
Command codes
W
X
X
X
X
X
HD
US,
US0
W
C
Sector ID rnformation
to command execution
The 4 bytes
W
H
are compared against header on floppy disk
W
R
w
N
W
EOT
W
GPL
W
DTL
Execution
Data transfer between the FDD and main system
Result
ST0
ST1
ST2
C
H
Status information after command execution
Sector ID information after command execution
R
R
RR
N
Note:
(1) Symbols used in this table are described at the end of this section
(2) A0 should equal 1 for all operations.
(3) X = Don’t care, usually made to equal 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com