Electronic Components Datasheet Search
  English  ▼

X  

FC321SOT Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC321SOT
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC321SOT Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC321SOT Datasheet HTML 1Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 2Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 3Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 4Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 5Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 6Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 7Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TYPICAL PERFORMANCE CHARACTERISTICS(Con.)
(At TA = +25℃, VS = +5V, and RL = 100KΩ connected to Vs/2, unless otherwise noted.)
FC321SOT
2019. 11. 21
4/8
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com