Electronic Components Datasheet Search
  English  ▼

X  

FC321SOT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC321SOT
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC321SOT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC321SOT Datasheet HTML 1Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 2Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 3Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 4Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 5Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 6Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 7Page - First Silicon Co., Ltd FC321SOT Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DESCRIPTION
The FC321SOT(single)are rail-to-rail input and
Output voltage feedback amplifier offering low cost.
They have a wide input common-mode voltage range
and output voltage swing,and take the minimum
operating supply voltage down to 2.1V and the
maximum recommended supply voltage is 5.5V.
temperature range.
The FC321SOT provide 1MHz bandwidth at a low
current consumption of 60
μA per amplifier. Very
low input bias currents of 10pA enable FC321SOT to
be used for integrators, photodiode amplifiers, and
piezoelectric sensors. Rail-to-rail inputs and outputs
are useful to designers buffering ASIC in single-
supply systems. Applications for the series
amplifiers include safety monitoring, portable
equipment, battery and power supply control, and
signal conditioning and interfacing for transducers
in very low power systems.
APPLICATIONS
ASIC Input or Output Amplifier
Sensor Interface
Piezo Electric Transducer Amplifier
Medical Instrumentation
Mobile Communication
Audio Output
Portable Systems
Smoke Detectors
Notebook PC
PCMCIA Cards
Battery –Powered Equipment
DSP Interface
FEATURES
• Low Cost
• Rail-to-Rail Input and Output 0.8mV
Typical VOS
• Unity Gain Stable
• Gain Bandwidth Product: 1MHz
• Very Low Input Bias Currents:
• Operates on 2.1V to 5.5V Supplies
• Input Voltage Range:-0.1V to +5.6V
with VS = 5.5V
• Low Supply Current: <60μA
• Small Packaging:FC321SOT Available
in SOT-23-5L
PIN CONFIGURATIONS
(Top View)
FC321SOT
•
•
•
•
•
•
•
•
•
•
•
•
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
SEMICONDUCTOR
TECHNICAL DATA
FC321SOT
2019. 11. 21
1/8
Revision No : 0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V-............................................................ 7.5V
Common-Mode Input Voltage.................................................... (-VS) - 0.5V to (+VS) + 0.5V
Storage Temperature Range........................ .............................–65℃ to +150℃
Junction Temperature.................................................................160℃
Operating Temperature Range...................... ……………………0℃ to +70℃
Lead Temperature Range (Soldering 10 sec).............................260℃
NOTE:
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.


Similar Part No. - FC321SOT

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC3255 FCI-FC3255 Datasheet
2Mb / 18P
1.5A PWM Switching Regulators
More results

Similar Description - FC321SOT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com