Electronic Components Datasheet Search
  English  ▼

X  

FC3470DFN22 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC3470DFN22
Description  600kHz, 18V, 2.0A Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470DFN22 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC3470DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 12Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics(continued)
Input Power On
V N =12V, VOUT = 3.3V, Io = 2A
Input Power Down
VIN =12V, VOUT = 3.3V, Io = 2A
Input Power On
V N =12V, VOUT = 3.3V, Io = No Load
Input Power Down
VIN =12V, VOUT = 3.3V, Io = No Load
EN Enable
VIN =12V, VOUT = 3.3V, Io = 2A
EN Disable
V N =12V, VOUT = 3.3V, Io = 2A
Time: 20μs/div
VOUT=2V/div
IL=2A/div
Time: 2ms/div
LX=10V/div
EN=1V/div
VOUT=2V/div
IL=2A/div
LX=10V/div
EN=1V/div
Time: 400ms/div
IL=500mA/div
Time: 20ms/div
LX=10V/div
IL=500mA/div
LX=10V/div
VOUT=2V/div
VIN=5V/div
VOUT=2V/div
VIN=5V/div
Time: 800μs/div
IL=2A/div
Time: 20ms/div
LX=10V/div
IL=2A/div
LX=10V/div
VOUT=2V/div
VIN=5V/div
VOUT=2V/div
VIN=5V/div
FC3470DFN22
2019. 11. 29
8/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com