Electronic Components Datasheet Search
  English  ▼

X  

FC3470DFN22 Datasheet(PDF) 9 Page - First Silicon Co., Ltd

Part # FC3470DFN22
Description  600kHz, 18V, 2.0A Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470DFN22 Datasheet(HTML) 9 Page - First Silicon Co., Ltd

Back Button FC3470DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 12Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Operation Description
Internal Regulator
The FC3470DFN22 is a current mode step down DC/DC converter that provides excellent transient
external compensation components. This device contains internal, low resistance,
high voltage power MOSFET, and operates at a high 600kHz operating frequency to ensure a compact,
high efficiency design with excellent AC and DC performance.
Error Amplifier
The error amplifier compares the FB pin voltage with the internal FB reference (VFB=0.6V) and outputs a
current proportional to the difference between the two. This output current is then used to charge or
discharge the internal compensation network to form the VCOMP voltage, which is used to control the
power MOSFET current. The optimized internal compensation network minimizes the external component
counts and simplifies the control loop design.
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup.
When the chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.6V.
When it is lower than the internal reference (VFB), SS overrides VFB so the error amplifier uses SS as the
reference. When SS is higher than VFB, VFB regains control. The SS time is internally fixed to 0.6ms.
Over-Current-Protection and Hiccup
The FC3470DFN22 has cycle-by-cycle current limit function. When current limit is triggered, output
voltage starts to drop until FB is below the internal under-voltage(UV) threshold, typically 42% below
the reference. Once a UV is triggered, the FC3470DFN22 enters hiccup mode to periodically restart
the device. This protection mode is especially useful when the output is dead short to ground. The
-
average short circuit current is greatly reduced to alleviate the thermal issue and to protect the regulator.
The FC3470DFN22 exits the hiccup mode once the over current condition is removed.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block starts
first, generating stable reference voltage and currents, and then the internal regulator is enabled. The
regulator provides stable supply for the remaining circuitries. Three events can shut down the chip: EN
low, VIN low and thermal shutdown. In the shutdown procedure, the signaling path is first blocked to avoid
any fault triggering. The VCOMP voltage and the internal supply rail are then pulled down. The floating
driver is not subject to this shutdown command.
response with no
FC3470DFN22
2019. 11. 29
9/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com