Electronic Components Datasheet Search
  English  ▼

X  

FC3470DFN22 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FC3470DFN22
Description  600kHz, 18V, 2.0A Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC3470DFN22 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FC3470DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 10Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 11Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 12Page - First Silicon Co., Ltd FC3470DFN22 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information
Setting the Output Voltage
The external resistor divider is used to set the output voltage (see Typical Application on page 1). The
feedback resistor R1 also sets the feedback loop bandwidth with the internal compensation capacitor.
Choose R1 to be around 51kΩ for optimal transient response. R2 is then given by:
1
/
1
2
−
=
FB
out
V
V
R
R
Vout
R1 (kΩ)
R2 (kΩ)
5.1V
51
6.8
3.3V
51
11.3
1.8V
51
25.5
1.55V
51
32.2
1.25V
51
47
1.20V
51
51
1.02V
33
47
Inductor Selection
A 1μH to 4.7μH inductor with a DC current rating of at least 25% percent higher than the maximum load
current is recommended for most applications. For highest efficiency, the inductor DC resistance should
be less than 15mΩ. For most designs, the inductance value can be derived from the following equation.
OSC
L
in
out
in
out
f
I
V
V
V
V
L
×
∆
×
−
×
=
)
(
Where ΔIL is the inductor ripple current. Choose inductor ripple current to be approximately 30% if the
maximum load current, 2A. The maximum inductor peak current is:
2
)
(
L
LOAD
MAX
L
I
I
I
∆
+
=
Under light load conditions below 100mA, larger inductance is recommended for improved efficiency.
Output Capacitor Selection
The output capacitor (CO1) is required to maintain the DC output voltage. Ceramic, tantalum, or low ESR
electrolytic capacitors are recommended. Low ESR capacitors are preferred to keep the output voltage
ripple low. The output voltage ripple can be estimated by:
×
×
+
×
[ −×
×
=
∆
2
8
1
1
C
f
R
V
V
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the equivalent series resistance (ESR) value of the output
capacitor. In the case of ceramic capacitors, the impedance at the switching frequency is dominated by
the capacitance. The output voltage ripple is mainly caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
[
FC3470DFN22
2019. 11. 29
10/13
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com