Electronic Components Datasheet Search
  English  ▼

X  

WM8195 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8195
Description  14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8195 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8195 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8195 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
WM8195
Advanced Information
w
AI Rev 2.0 September 2002
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8195CFT
0 to 70
°C
48-pin TQFP
1mm thick body
37
47 46 45 44 43 42 41 40 39 38
48
VRX
AGND3
GINP
AGND2
BINP
AGND1
VRLC/VBIAS
RINP
AGND4
DVDD1
OEB
SEN/STB
DGND4
DGND3
OP[7]
OP[8]
OP[9]
OP[10]
DVDD3
DGND2
OP[3]
OP[4]
OP[5]
OP[6]
25
31
30
29
28
27
26
36
35
34
33
32
1
9
8
7
6
5
4
3
2
12
11
10
24
23
16 17 18 19 20 21 22
13 14 15
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
VRX
Analogue output
Input return bias voltage.
This pin must be decoupled to AGND via a capacitor.
2
VRLC/VBIAS
Analogue I/O
Selectable analogue output voltage for RLC or single-ended bias reference.
This pin would typically be decoupled to AGND via a capacitor.
VRLC can be externally driven if programmed Hi-Z.
3
AGND1
Supply
Analogue ground (0V).
4
BINP
Analogue input
Blue channel input video.
5
AGND2
Supply
Analogue ground (0V).
6
GINP
Analogue input
Green channel input video.
7
AGND3
Supply
Analogue ground (0V).
8
RINP
Analogue input
Red channel input video.
9
AGND4
Supply
Analogue ground (0V).
10
DVDD1
Supply
Digital supply (5V) for logic and clock generator. This must be operated at the same
potential as AVDD.
11
OEB
Digital input
Output Hi-Z control, all digital outputs disabled when OEB = 1.
Serial interface: enable pulse, active high
Parallel interface: strobe, active low
12
SEN/STB
Digital input
Latched on NRESET rising edge: if Low then device control is via serial interface,
if high then device control is via parallel interface.
13
SDI/DNA
Digital input
Serial interface: serial input data signal
Parallel interface:
High = data, Low = address
14
SCK/RNW
Digital input
Serial interface: serial clock signal
Parallel interface:
High: OP[13:6] is output bus.
Low: OP[13:6] is input bus (Hi-Z).
15
VSMP
Digital input
Video sample synchronisation pulse.
16
RLC/ACYC
Digital input
RLC (active high) selects reset level
clamp on a pixel-by-pixel basis – tie high
if used on every pixel.
ACYC autocycles between R, G, B
inputs when in Line-by-Line mode.
17
MCLK
Digital input
Master clock. This clock is applied at N times the input pixel rate (N = 2, 3, 6, 8 or
any multiple of 2 thereafter depending on input sample mode).
18
DGND1
Supply
Digital ground (0V).
19
NC
No connection.
20
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com