Electronic Components Datasheet Search
  English  ▼

X  

HM485 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM485
Description  RS-485/RS-422 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM485 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM485 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
  5 / 11 
DI 
                  1.2 
输入电流 
IIN1 
DE ,RE, DI 
                   ±2 
uA 
输入电流(A, B)  
IIN2 
DE = 0V; 
VCC = 
3.3V 
VIN=
3.3
V 
         40      100 
uA 
VIN=
0V 
        120      300 
接收差分阈值电压 
VTH  
‐0.2           ‐0.05   V 
接收输入滞后 
∆VTH 
 
           70 
mV 
接收输出高电压 
VOH 
IO = ‐3mA, VID 
= 200mV 
2.5      2.9 
V 
接收输出低电压 
VOL 
IO = 3mA,  
VID = ‐200mV 
         0.2      0.4 
V 
接收三态(高阻)输出电流  
 
IOZR 
0.4V ≤ VO ≤ 
2.4V 
                   ±1 
uA 
接收输入阻抗 
RIN  
48 
KΩ 
无负载供电电流  
 
ICC 
RE、
DI=0 
or 
VCC 
DE=VCC
     0.8        1.2 
mA 
DE=0       0.7        1.2 
驱动短路电流  (VO = High) 
IOSD1 
DE=RE=3.3V 
DI=0 VA=3.3V 
         60      100 
mA 
驱动短路电流  (VO = Low) 
IOSD2 
DE=RE=3.3V 
DI=0 VB=0 
         60      100 
mA 
接收短路电流 
IOSR 
0V ≤ VO ≤ VCC 
20        60 
mA 
ESD 保护  
A, B, Y and Z pins, tested 
using Human Body Model 
        ±15 
kV 
 
(Vdd=5V±5%,Ta= TMIN to TMAX)(注 3,4) 
PARAMETER 
SYMBOL
CONDITIONS 
MIN   TYP   MAX 
UNITS
驱动差分输出(无负载) 
VOD1  
2.7      5      5.5 
V 
驱动差分输出(带负载) 
VOD2 
R=50Ω,图 3 
2        3.6 
V 
互补输出状态驱动差分输出电压的
变化幅度 
∆VOD 
                  0.2 
V 
驱动共模输出电压 
VOC 
                    3 
V 
互补输出状态驱动共模输 
出电压的变化幅度 
∆VOC 
                  0.2 
V 
输入高电压 
VIH 
DE ,RE 
2 
V 
DI 
2.8 
V 
输入低电压 
VIL 
DE ,RE 
                  0.8 
V 
DI 
                  1.6 
HM485
RS-485/RS-422 Transceivers 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com