Electronic Components Datasheet Search
  English  ▼

X  

HM485 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM485
Description  RS-485/RS-422 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM485 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM485 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
  8 / 11 
 
接收开启到输出为
高 
tZH 
图 4,图 11,CL=15pF,S1
关闭 
           60      90 
ns 
接收从低到关闭 
tLZ 
图 4,图 11,CL=15pF,S2
关闭 
           50      80 
ns 
接收从高到关闭 
tHZ 
图 4,图 11,CL=15pF,S1
关闭 
           60      90 
ns 
最大数据率 
fMAX  
2.5 
Mbps 
 
注 1:所有典型情况指 vdd=3.3V,Ta=25℃; 
注 2:所有输入到管脚的电流为正,所有从管脚输出的电流为负;如无特别指出,则电压指
对地电压; 
注 3:所有典型情况指 vdd=5V,Ta=25℃; 
注 4:所有输入到管脚的电流为正,所有从管脚输出的电流为负;如无特别指出,则电压指
对地电压; 
 
 
产品测试电路 
 
 
图 3  直流驱动测试电路                                 图 4  接收时间测试电路 
 
 
HM485
RS-485/RS-422 Transceivers 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com