Electronic Components Datasheet Search
  English  ▼

X  

HM485 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM485
Description  RS-485/RS-422 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM485 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM485 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM485 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
  4 / 11 
 
产品绝对最大额定值 
 
供电电压(VCC)..……........................…..………………............….....………………....………………..…...   +12V  
控制输入电压(RE , DE).........……..........................……………………….....……...…......  ‐0.5V  至  +12V 
驱动输入电压(DI)......................................………………….....………......……..…...……  ‐0.5V  至  +12V  
驱动输出电压(A, B).………..................................…………………………......….....………  ‐0.5V  至  +12V  
接收输入电压(A, B)......……................................….....…………………......….………....  ‐0.5V  至  +12V  
接收输出电压(RO)...........……................................…………………..............………….  ‐0.5V  至  +12V  
连续功率谱(TA = +70°C)  
8 脚塑封  DIP (+70°C 以上  ‐9.08mW/°C)........……………….…......… ………….........   725mW  
8  脚  SO (+70°C 以上  ‐5.85mW/°C)...............…………….…............……………….….   470mW  
存贮温度范围.............................................................……….……….......….....  ‐65°C 至+160°C  
工作温度范围.............................................................………………..…....…......  ‐40°C 至+85°C  
焊锡温度(10 秒)...…….................................................…………………...….....…………….....   +300°C  
 
最大允许额定值是指超过这些值可能会使器件发生不可恢复的损坏。在这些条件之下是
不利于器件正常运作的,器件连续工作在最大允许额定值下可能影响器件可靠性, 所有的
电压的参考点为地。
 
产品直流电学特性 
 
(Vdd=3.3V±5%,Ta= TMIN to TMAX)(注 1,2) 
PARAMETER 
SYMBOL
CONDITIONS 
MIN   TYP   MAX 
UNITS
驱动差分输出(无负载) 
VOD1  
2.7     3.3      5.5 
V 
驱动差分输出(带负载) 
VOD2 
R=30Ω,图 3 
1.5     1.8 
V 
互补输出状态驱动差分输出电压的
变化幅度 
∆VOD 
                  0.2 
V 
驱动共模输出电压 
VOC 
          1.6            V 
互补输出状态驱动共模输 
出电压的变化幅度 
∆VOC 
                  0.2 
V 
输入高电压 
VIH 
DE ,RE 
1.6 
V 
DI 
2 
V 
输入低电压 
VIL 
DE ,RE 
                  0.8 
V 
HM485
RS-485/RS-422 Transceivers 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com