Electronic Components Datasheet Search
  English  ▼

X  

HM233 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM233
Description  single-button touch and proximity sensor switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM233 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM233 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM233 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
一、概述
HM233 是一款单按键触摸及接近感应开关,其用途是替代传统的机械型开关。该 IC 采用 CMOS 工艺制造,结构简
单,性能稳定。该 IC 通过引脚可配置成多种模式,可广泛应用于灯光控制、玩具、家用电器等产品。
二、特点
◆ 工作电压:2.0V~5.5V
◆ 外部配置引脚设置为多种模式
◆ 高可靠性,芯片内置去抖动电路,可有效防止外部噪声干扰而导致的误动作
◆ 始终进行自校准,当没有检测到触摸时,自校准周期约 4S
◆ 可用于玻璃、陶瓷、塑料等介质表面
三、封装示意图
图 1 封装示意图
SOT23-6L
HM233 使能最大开启时间功能(最大按键开启时间为75秒)
HM233


Similar Part No. - HM233

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM233B HMSEMI-HM233B Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM233BD HMSEMI-HM233BD Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM233BT HMSEMI-HM233BT Datasheet
1Mb / 12P
TWS Bluetooth headset dedicated touch IC
HM233C HMSEMI-HM233C Datasheet
1Mb / 9P
Single touch single output IC
HM233D HMSEMI-HM233D Datasheet
660Kb / 8P
Single touch control chip
More results

Similar Description - HM233

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
STMicroelectronics
STM8T143AU62TTR STMICROELECTRONICS-STM8T143AU62TTR Datasheet
1Mb / 65P
Single-channel capacitive sensor for touch and proximity detection
18-Oct-2013
logo
SHOUDING Shouding Semic...
SD8223L SHOUDING-SD8223L Datasheet
2Mb / 7P
Single button touch switch IC
SD8233B SHOUDING-SD8233B Datasheet
1Mb / 6P
Single button touch switch chip
logo
Shenzhen Huazhimei Semi...
HM233LD HMSEMI-HM233LD Datasheet
1Mb / 9P
Single button touch switch IC
HM233LE HMSEMI-HM233LE Datasheet
1Mb / 7P
Single button touch switch IC
HM233LG HMSEMI-HM233LG Datasheet
1Mb / 9P
Single button touch switch IC
HM323E HMSEMI-HM323E Datasheet
1Mb / 7P
Single button touch switch IC
HM223L HMSEMI-HM223L Datasheet
373Kb / 7P
single-button touch and proximity sensor switch
HM223 HMSEMI-HM223 Datasheet
550Kb / 5P
single-button touch and proximity sensor switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com