Electronic Components Datasheet Search
  English  ▼

X  

LM4550B Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4550B
Description  AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550B Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM4550B Datasheet HTML 23Page - National Semiconductor (TI) LM4550B Datasheet HTML 24Page - National Semiconductor (TI) LM4550B Datasheet HTML 25Page - National Semiconductor (TI) LM4550B Datasheet HTML 26Page - National Semiconductor (TI) LM4550B Datasheet HTML 27Page - National Semiconductor (TI) LM4550B Datasheet HTML 28Page - National Semiconductor (TI) LM4550B Datasheet HTML 29Page - National Semiconductor (TI) LM4550B Datasheet HTML 30Page - National Semiconductor (TI) LM4550B Datasheet HTML 31Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Multiple Codecs (Continued)
The Codec Identity is determined by the inverting input pins
ID1#, ID0# (pins 46 and 45) and can be read as the value of
the ID1, ID0 bits (D15, D14) in the Extended Audio ID
register, 28h of the target codec.
In addition to the Codec Identity bits (ID1, ID0), the read-only
Extended Audio ID register (28h) contains the AMAP bit
(D9). The AMAP bit indicates support for the (optional) AC
’97 Rev. 2.1 compliant mappings from slots in AC Link Out-
put Frames to the audio DACs for each of the four Codec
Identity modes. AMAP = 1 indicates that the default mapping
(as realized after reset) of Slots-to-DACs conforms to Table
1. Slots in AC Link Input Frames are always mapped such
that PCM data from the left ADC channel is carried by slot 3
and PCM data from the right ADC channel by slot 4. Output
Frames are those carried by the SDATA_OUT signal from
the controller to the codec while Input Frames are those
carried by the SDATA_IN signal from the codec to the
controller.
SLOT 0: TAG bits in Output Frames (controller to codec)
Bit 15
14
13
12
11
10
987654321
0
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
X
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
XXXX
ID1
ID0
Extended Audio ID register (28h): Support for Multiple Codecs
Reg
Name
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
28h
Extended
Audio ID
ID1
ID0
XXXX
AMAP
XXXXXXXX
VRA
X201h
TABLE 1. AMAP Slot-to-DAC Audio MAPping
Codec Identity
Mode
ID1
(D15, 28h)
ID0
(D14, 28h)
Left DAC data
Right DAC data
From Slot #
5.1 Audio channel
(Note 11)
From Slot #
5.1 Audio channel
(Note 11)
Primary
0
0
3
Left
4
Right
Secondary 1
0
1
3
Left
4
Right
Secondary 2
1
0
7
Left Surround
8
Right Surround
Secondary 3
1
1
6
Center
9
LFE
Note 11: AC ’97 Rev 2.1 specifies this allocation of 5.1 Audio channels to these slots in the AC Link Output Frame
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com