Electronic Components Datasheet Search
  English  ▼

X  

LM4550B Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4550B
Description  AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550B Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4550B Datasheet HTML 10Page - National Semiconductor (TI) LM4550B Datasheet HTML 11Page - National Semiconductor (TI) LM4550B Datasheet HTML 12Page - National Semiconductor (TI) LM4550B Datasheet HTML 13Page - National Semiconductor (TI) LM4550B Datasheet HTML 14Page - National Semiconductor (TI) LM4550B Datasheet HTML 15Page - National Semiconductor (TI) LM4550B Datasheet HTML 16Page - National Semiconductor (TI) LM4550B Datasheet HTML 17Page - National Semiconductor (TI) LM4550B Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Pin Descriptions (Continued)
POWER SUPPLIES AND REFERENCES
Name
Pin
I / O
Functional Description
AV
DD1
25
I
Analog supply
AV
SS1
26
I
Analog ground
AV
DD2
38
I
Analog supply 2
AV
SS2
42
I
Analog ground 2
DV
DD1
1
I
Digital supply
DV
DD2
9
I
Digital supply
DV
SS1
4
I
Digital ground
DV
SS2
7
I
Digital ground
V
REF
27
O
Nominal 2.2 V internal reference
Not intended to sink or source current. Use short traces to bypass (3.3 µF, 0.1 µF) this pin to
maximize codec performance. See text.
V
REF_OUT
28
O
Nominal 2.2 V reference output
Can source up to 5 mA of current and can be used to bias a microphone.
3D SOUND AND NO-CONNECTS (NC)
Name
Pin
I / O
Functional Description
3DP, 3DN
33,34
O
These pins are used to complete the National 3D Sound stereo enhancement circuit. Connect
a 0.022 µF capacitor between pins 3DP and 3DN. National 3D Sound can be turned on and
off via the 3D bit (bit D13) in the General Purpose register, 20h. National 3D Sound uses a
fixed-depth type stereo enhancement circuit hence the 3D Control register, 22h is read-only
and is not programmable. If National 3D Sound is not needed, these pins should be left open
(NC).
NC
29, 30
31, 32
43, 44
NC
These pins are not used and should be left open (NC).
For second source applications these pins may be connected to a noise-free supply or
ground (e.g. AV
DD or AVSS), either directly or through a capacitor.
Typical Performance Characteristics
ADC Noise Floor
DAC Noise Floor
20123715
20123716
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com