Electronic Components Datasheet Search
  English  ▼

X  

LM4550B Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4550B
Description  AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550B Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4550B Datasheet HTML 1Page - National Semiconductor (TI) LM4550B Datasheet HTML 2Page - National Semiconductor (TI) LM4550B Datasheet HTML 3Page - National Semiconductor (TI) LM4550B Datasheet HTML 4Page - National Semiconductor (TI) LM4550B Datasheet HTML 5Page - National Semiconductor (TI) LM4550B Datasheet HTML 6Page - National Semiconductor (TI) LM4550B Datasheet HTML 7Page - National Semiconductor (TI) LM4550B Datasheet HTML 8Page - National Semiconductor (TI) LM4550B Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Electrical Characteristics (Notes 1, 5) The following specifications apply for AV
DD = 5V, DVDD = 3.3V, Fs =
48 kHz, single codec configuration, (primary mode) unless otherwise noted. Limits apply for T
A= 25˚C. The reference for 0 dB
is 1 Vrms unless otherwise specified. (Continued)
Symbol
Parameter
Conditions
LM4550B
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
T
DHOLD
Hold Time for codec data input
Hold time of SDATA_OUT from falling
edge of BIT_CLK (Note 9)
5.3
10
ns (min)
T
SSETUP
Setup Time for codec SYNC input
SYNC to falling edge of BIT_CLK (Note
9)
3.8
10
ns (min)
T
SHOLD
Hold Time for codec SYNC input
Hold time of SYNC from falling edge of
BIT_CLK
10
ns (min)
T
CO
Output Valid Delay
Output Delay of SDATA_IN from rising
edge of BIT_CLK (Note 9)
5.2
15
ns (max)
T
RISE
Rise Time
BIT_CLK, SYNC, SDATA_IN or
SDATA_OUT
6
ns (max)
T
FALL
Fall Time
BIT_CLK, SYNC, SDATA_IN or
SDATA_OUT
6
ns (max)
T
CS
Chain Propagation Delay
Data Delay from CIN to SDATA_IN
when the chain feature is active
ns (max)
T
RST_LOW
RESET# active low pulse width
For Cold Reset
1.0
µs (min)
T
RST2CLK
RESET# inactive to BIT_CLK start
up
For Cold Reset
271
162.8
ns (min)
T
SH
SYNC active high pulse width
For Warm Reset
1.0
µs (min)
T
SYNC2CLK
SYNC inactive to BIT_CLK start up
For Warm Reset
162.8
ns (min)
T
S2_PDOWN
AC Link Power Down Delay
Delay from end of Slot 2 to BIT_CLK,
SDATA_IN low
1
µs (max)
T
SUPPLY2RST
Power On Reset
Time from minimum valid supply levels
to end of Reset
1
µs (min)
T
SU2RST
Setup to trailing edge of RESET#
For ATE Test Mode
15
ns (min)
T
RST2HZ
Rising edge of RESET# to Hi-Z
For ATE Test Mode
25
ns (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 3: Machine Model, 220 pF – 240 pF discharged through all pins.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4550B, TJMAX = 150˚C.
The typical junction-to-ambient thermal resistance is 74˚C/W for package number VBH48A.
Note 5: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Loopthrough Mode describes a path from an analog input through the analog mixers to an analog output.
Note 9: These specifications are guaranteed by design and characterization; they are not production tested.
Note 10: Out of band energy is measured from 28.8 kHz to 100 kHz relative toa1Vrms DAC output.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com