Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4657
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 1 Page - Analog Devices

  LTM4657 Datasheet HTML 1Page - Analog Devices LTM4657 Datasheet HTML 2Page - Analog Devices LTM4657 Datasheet HTML 3Page - Analog Devices LTM4657 Datasheet HTML 4Page - Analog Devices LTM4657 Datasheet HTML 5Page - Analog Devices LTM4657 Datasheet HTML 6Page - Analog Devices LTM4657 Datasheet HTML 7Page - Analog Devices LTM4657 Datasheet HTML 8Page - Analog Devices LTM4657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4657
1
Rev. A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20VIN, 8A Step-Down DC/DC
µModule Regulator
The LTM®4657 is a complete 8A step-down switching
mode µModule (micromodule) regulator in a tiny 6.25mm
× 6.25mm × 3.87mm BGA package. Included in the pack-
age are the switching controller, power FETs, inductor and
support components. Operating over an input voltage
range of 3.1V to 20V, the LTM4657 supports an output
voltage range of 0.5V to 5.5V, set by a single external
resistor. Its high efficiency design delivers up to 8A con-
tinuous output current. Only bulk input and output capac-
itors are needed.
The LTM4657 supports selectable discontinuous mode
operation and output voltage tracking for supply rail
sequencing. Its high switching frequency and current
mode control enable a very fast transient response to
line and load changes without sacrificing stability.
Fault protection features incl0ude overvoltage, overcur-
rent and overtemperature protection.
The LTM4657 is available with SnPb or RoHS compliant
terminal finish.
8A, 1.0V Output DC/DC µModule® Step-Down Regulator
Efficiency vs Load Current for VOUT = 1V
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
6.25mm × 6.25mm × 3.87mm BGA Package
n
Wide Input Voltage Range: 3.1V to 20V
n
0.5V to 5.5V Output Voltage
n
8A DC Output Current
n
±1.5% Maximum Total DC Output Voltage Error
Over Line, Load and Temperature
n
Differential Remote Sensing Amp
n
Current Mode Control, Fast Transient Response
n
External Frequency Synchronization
n
Multiphase Parallel Current Sharing with
Multiple LTM4657s
n
Output Voltage Tracking
n
Selectable Discontinuous Mode
n
Power Good Indicator
n
Overvoltage, Overcurrent and Overtemperature
Protection
n
Pin Compatible with LTM4626(12A) and LTM4638(15A)
n
Telecom, Datacom, Networking and
Industrial Equipment
n
Medical Diagnostic Equipment
n
Data Storage Rack Units and Cards
n
Test and Debug Systems
VIN
RUN
INTVCC
MODE/CLKIN
TRACK/SS
PHMODE
LTM4657
FREQ
CLKOUT
VOUT
VOSNS+
10µF
100µF
x2
VIN
3.1V TO 20V
VOUT
1.0V
8A
FB
PGOOD
COMPa
COMPb
GND
60.4k
VOSNS–
4657 TA01a
0.1µF
OUTPUT LOAD CURRENT (A)
0
95
70
90
80
85
75
65
7
4
4657 TA01b
8
5
6
3
1
2
12VIN
5VIN
500kHz
All registered trademarks and trademarks are the property of their respective owners.
Document Feedback


Similar Part No. - LTM4657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4657 AD-LTM4657 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
LTM4657 AD-LTM4657 Datasheet
3Mb / 32P
16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
Rev. 0
LTM4657 AD-LTM4657 Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
More results

Similar Description - LTM4657

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com