Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4657
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 19Page - Analog Devices LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices LTM4657 Datasheet HTML 26Page - Analog Devices LTM4657 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4657
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 23. 3.1VIN to 20VIN, 1V Output at 8A Design
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4657
FREQ
CLKOUT
VOUT
VOSNS+
22µF
25V
22µF
100µF
6.3V
×2
CFF
100pF
VIN
3.1V TO 20V
VOUT
1V
8A
FB
COMPa
COMPb
GND
60.4k
VOSNS–
4657 F23
0.1µF
Figure 24. 5VIN to 20VIN, 3.3V Output with 2MHz External Clock
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4657
113k
CLKOUT
FREQ
VOUT
VOSNS+
22µF
25V
47µF
6.3V
×2
220µF
6.3V
VIN
5V TO 20V
VOUT
3.3V
8A
FB
COMPa
COMPb
GND
10.7k
VOSNS–
4657 F24
0.1µF
2MHz CLOCK
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com