Electronic Components Datasheet Search
  English  ▼

X  

LTM4657 Datasheet(PDF) 25 Page - Analog Devices

Part # LTM4657
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4657 Datasheet(HTML) 25 Page - Analog Devices

Back Button LTM4657 Datasheet HTML 20Page - Analog Devices LTM4657 Datasheet HTML 21Page - Analog Devices LTM4657 Datasheet HTML 22Page - Analog Devices LTM4657 Datasheet HTML 23Page - Analog Devices LTM4657 Datasheet HTML 24Page - Analog Devices LTM4657 Datasheet HTML 25Page - Analog Devices LTM4657 Datasheet HTML 26Page - Analog Devices LTM4657 Datasheet HTML 27Page - Analog Devices LTM4657 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
LTM4657
25
Rev. A
For more information www.analog.com
Figure 26. 3.1VIN to 20VIN, 1.0V and 1.5V with Coincident Tracking
APPLICATIONS INFORMATION
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4657
VOUT
VOSNS+
22µF
25V
×2
100µF
6.3V
×2
100µF
6.3V
×2
60.4k
VIN
3.1V TO 20V
VOUT
1.5V
8A
VOUT2
1.0V
8A
FB
30.1k
COMPa
COMPb
GND
60.4k
60.4k
4657 F26
VOSNS–
FREQ
CLKOUT
0.1µF
VIN
RUN
INTVCC
MODE/CLKIN
PHMODE
TRACK/SS
PGOOD
LTM4657
VOUT
FB
GND
VOSNS–
FREQ
CLKOUT
VOSNS+
COMPa
COMPb
PACKAGE DESCRIPTION
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
LTM4657 Component BGA Pinout
PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION
A1
VOUT
A2
VOUT
A3
VOUT
A4
VOUT
A5
VOUT
A6
TSENSE+
A7
TSENSE–
B1
VOSNS+
B2
GND
B3
INTVCC
B4
RUN
B5
PGOOD
B6
GND
B7
SW
C1
FB
C2
VOSNS–
C3
GND
C4
GND
C5
GND
C6
GND
C7
GND
D1
COMPa
D2
MODE/CLKIN
D3
VIN
D4
VIN
D5
GND
D6
GND
D7
GND
E1
FREQ
E2
TRACK/SS
E3
VIN
E4
VIN
E5
GND
E6
GND
E7
GND
F1
COMPb
F2
CLKOUT
F3
VOUT
F4
VIN
F5
GND
F6
GND
F7
GND
G1
VOUT
G2
VOUT
G3
VOUT
G4
VIN
G5
PHMODE
G6
GND
G7
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com