Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6741 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO6741 Datasheet HTML 13Page - Texas Instruments ISO6741 Datasheet HTML 14Page - Texas Instruments ISO6741 Datasheet HTML 15Page - Texas Instruments ISO6741 Datasheet HTML 16Page - Texas Instruments ISO6741 Datasheet HTML 17Page - Texas Instruments ISO6741 Datasheet HTML 18Page - Texas Instruments ISO6741 Datasheet HTML 19Page - Texas Instruments ISO6741 Datasheet HTML 20Page - Texas Instruments ISO6741 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
6.16 Supply Current Characteristics—1.8-V Supply
VCC1 = VCC2 = 1.8 V ±5% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO6740
Supply current - DC signal
EN2 = VCC2; VI = VCC1 (ISO6740); VI = 0 V (ISO6740
with F suffix)
ICC1
1.2
1.8
mA
ICC2
2
3.4
EN2 = VCC2; VI = 0 V (ISO6740); VI = VCC1 (ISO6740
with F suffix)
ICC1
5.1
7.6
ICC2
2.2
3.7
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.1
4.7
ICC2
2.2
3.7
10 Mbps
ICC1
3.2
4.8
ICC2
3.1
4.6
50 Mbps
ICC1
3.4
5.1
ICC2
7
8.9
ISO6741
Supply current - DC signal
(2)
VI = VCCI (1)(ISO6741); VI = 0 V (ISO6741 with F suffix)
ICC1
1.5
2.4
mA
ICC2
2
3.4
VI = 0 V (ISO6741); VI = VCCI (ISO6741 with F suffix)
ICC1
4.5
6.9
ICC2
3.2
5
Supply current - AC signal
(3)
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
3.1
4.7
ICC2
2.7
4.3
10 Mbps
ICC1
3.3
5
ICC2
3.4
5
50 Mbps
ICC1
4.5
6.3
ICC2
6.4
8.3
ISO6742
Supply current - DC signal
EN1 = EN2 = VCCI; VI = VCCI (ISO6742); VI = 0 V
(ISO6742 with F suffix)
ICC1 , ICC2
1.9
3.1
mA
EN1 = EN2 = 0 V; VI = 0 V (ISO6742); VI = VCCI
(ISO6742 with F suffix)
ICC1 , ICC2
4
6.1
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
3
4.7
10 Mbps
ICC1, ICC2
3.5
5.2
50 Mbps
ICC1, ICC2
5.6
7.6
(1)
VCCI = Input-side VCC
(2)
Supply current valid for ENx = VCCx and ENx = 0V
(3)
Supply current valid for ENx = VCCx
www.ti.com
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4C – DECEMBER 2019 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com