Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6741 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO6741 Datasheet HTML 25Page - Texas Instruments ISO6741 Datasheet HTML 26Page - Texas Instruments ISO6741 Datasheet HTML 27Page - Texas Instruments ISO6741 Datasheet HTML 28Page - Texas Instruments ISO6741 Datasheet HTML 29Page - Texas Instruments ISO6741 Datasheet HTML 30Page - Texas Instruments ISO6741 Datasheet HTML 31Page - Texas Instruments ISO6741 Datasheet HTML 32Page - Texas Instruments ISO6741 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The ISO674x-Q1 devices are high-performance, quad-channel digital isolators. These devices come with enable
pins on each side which can be used to put the respective outputs in high impedance for multi master driving
applications. The ISO674x-Q1 devices use single-ended CMOS-logic switching technology. The supply voltage
range is from 1.71 V to 5.5 V for both supplies, VCC1 and VCC2. Since an isolation barrier separates the two
sides, each side can be sourced independently with any voltage within recommended operating conditions. As
an example, it is possible to supply ISO674x-Q1 VCC1 with 3.3 V (which is within 1.71 V to 5.5 V) and VCC2 with
5V (which is also within 1.71 V to 5.5 V). You can use the digital isolator as a logic-level translator in addition to
providing isolation. When designing with digital isolators, keep in mind that because of the single-ended design
structure, digital isolators do not conform to any specific interface standard and are only intended for isolating
single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the data controller (that
is, μC or UART), and a data converter or a line transceiver, regardless of the interface type or standard.
9.2 Typical Application
Figure 9-1 shows the typical isolated CAN interface implementation.
0.1 F
VS
10 F
MBR0520L
MBR0520L
1:1.33
10 F
3
1
D2
SN6505x-Q1
D1
5
2
GND
GND
4
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333-Q1
10 F
ISO 3.3V
VCC
GND
CANH1
CANL1
13
12
RXD1
TXD1
0.1 F
TCAN1046-Q1
ISO Barrier
Vcc
0.1 F
VCC1
VCC2
GND1
GND2
INA
OUTA
INC
OUTC
ISO6742-Q1
1
3,7
4
2,6
INB
OUTD
OUTB
IND
0.1 F
0.1 F
1
5
3
6
4
2,8
16
12
14
11
13
9,15
Copyright © 2020, Texas Instruments Incorporated
RXD2
TXD2
5
8
CANH2
CANL2
10
9
System Controller
STBx
11,14
VDD
CAN FD
Controller
CAN FD
Controller
Figure 9-1. Typical Isolated CAN Application Circuit
www.ti.com
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4C – DECEMBER 2019 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com