Electronic Components Datasheet Search
  English  ▼

X  

ISO6741 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6741
Description  ISO674x-Q1 General-Purpose Reinforced Quad-Channel Automotive Digital Isolators with Robust EMC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6741 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO6741 Datasheet HTML 16Page - Texas Instruments ISO6741 Datasheet HTML 17Page - Texas Instruments ISO6741 Datasheet HTML 18Page - Texas Instruments ISO6741 Datasheet HTML 19Page - Texas Instruments ISO6741 Datasheet HTML 20Page - Texas Instruments ISO6741 Datasheet HTML 21Page - Texas Instruments ISO6741 Datasheet HTML 22Page - Texas Instruments ISO6741 Datasheet HTML 23Page - Texas Instruments ISO6741 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
6.19 Switching Characteristics—2.5-V Supply
VCC1 = VCC2 = 2.5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
@100kbps
See Figure 7-1
12
20.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.6
7.1
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
6
ns
tsk(pp)
Part-to-part skew time(3)
7
ns
tr
Output signal rise time
See Figure 7-1
2
4
ns
tf
Output signal fall time
2
4
ns
tPHZ
Disable propagation delay, high-to-high impedance output
See Figure 7-2
28.1
43
ns
tPLZ
Disable propagation delay, low-to-high impedance output
28.1
43
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO674x
20.4
36.3
ns
tPZL
Enable propagation delay, high impedance-to-low output for
ISO674x
20.4
36.3
ns
tPU
Time from UVLO to valid output data
300
us
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.2V. See Figure 7-3
0.1
0.3
us
tie
Time interval error
216 – 1 PRBS data at 50 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4C – DECEMBER 2019 – REVISED MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com