Electronic Components Datasheet Search
  English  ▼

X  

SS245 Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SS245
Description  N-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SS245 Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

  SS245 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
Square WavePulse Duration (s)
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =50 °C/W
3. TJM -TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
0.02
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
Duty Cycle = 0.5
Square WavePulse Duration (s)
Single Pulse
0.1
10-3
10-2
1
10-1
10-4
0.02
0.05
SS245
7
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com