Electronic Components Datasheet Search
  English  ▼

X  

SS245 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SS245
Description  N-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SS245 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SS245 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SS245 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
•
TrenchFET® Power MOSFET
•
100 % Rg and UIS Tested
APPLICATIONS
• Primary Side Switch
•
Isolated DC/DC Converter
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
100
0.0185 at VGS = 10 V
60
38 nC
S
GD
Top View
TO-252
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
60a
A
TC = 100 °C
45
TA = 25 °C
9.2b
TA = 100 °C
6.8b
Pulsed Drain Current
IDM
140
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
2b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
45
Avalanche Energy
EAS
101
mJ
Maximum Power Dissipation
TC = 25 °C
PD
136.4
W
TC = 100 °C
68.2
TA = 25 °C
3b
TA = 100 °C
1.5b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
40
50
°C/W
Maximum Junction-to-Case
RthJC
0.85
1.1
N-Channel 100-V (D-S) MOSFET
SS245
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - SS245

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SS245A BILIN-SS245A Datasheet
219Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SS245F HDSEMI-SS245F Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
SS245F BILIN-SS245F Datasheet
444Kb / 4P
Schottky Barrier Rectifiers
SS245FA BILIN-SS245FA Datasheet
140Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Huixin Electr...
SS245L HUIXIN-SS245L Datasheet
162Kb / 2P
2.0Amp Surface Mounted Schottky Barrier Rectifiers
More results

Similar Description - SS245

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com