Electronic Components Datasheet Search
  English  ▼

X  

WJPAD2 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WJPAD2
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJPAD2 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WJPAD2 Datasheet HTML 1Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 2Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 3Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 4Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: WJPAD2
WJPAD2 SPECIFICATIONS
ES-2275 Rev.2 Page 4/5
http://www.m-system.co.jp/
EXTERNAL VIEW
This unit is factory calibrated according to the Ordering Information. If you need to change hardware & software setting, refer
to the instruction manuals of the transmitter and Programming Unit.
3
2
1
2
3
4
5
6
ON
OUTPUT 1
OUTPUT 2
Span Adj.
Detecting Level Adj.
Detecting Level Adj. Pin
Pulse Amplitude Selector
Input Type Selector
Zero Adj.
Sensor Excitation Adj.
Modular Jack
Input Monitor LED PL1
Span Adj.
Zero Adj.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com