Electronic Components Datasheet Search
  English  ▼

X  

WJPAD2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WJPAD2
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJPAD2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WJPAD2 Datasheet HTML 1Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 2Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 3Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 4Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: WJPAD2
WJPAD2 SPECIFICATIONS
ES-2275 Rev.2 Page 2/5
http://www.m-system.co.jp/
[3] OUTPUT 2
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC(Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)*
Voltage
Same range availability as Output 1
* For specify voltage and current, specify same code and
output to output 1 and output 2. Consult M-System when
different output codes are combined and specified.
[4] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC (under development)
R: 24 V DC
V: 48 V DC
P: 110 V DC
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input or alarm output to output 1 to output 2 to
power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Alarm mode: High or Low
Alarm setpoint: -15 – +115 %
Alarm deadband: 0 – 20 %
Linearization: Max. 16 points
Input monitor LED: Red LED blinks according to the input.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Input frequency range
• Zero and span
• Low-end cutout
• Linearization
• Alarm setpoint
• Output fine adjustment
• Averaging non-uniform pulses
• Others
Adjustments: With DIP and Rotary switches.
• Input Type
• Pulse Sensing
• Noise Filter
• Detecting level
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Low-end cutout: -15 – +115 % adjustable
(% of the input range determined by the input zero and
span frequencies. This unit outputs 0 % for the input below
the setting. When the input zero frequency is set to 0 Hz,
the low-end cutout setting below 0 % is not valid.)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 300 mA at
shortcircuit
Frequency ranges: 0 – 0.01 Hz through 100 kHz (up to 10 Hz
for mechanical contact)
Minimum pulse width time requirement: 5 μsec.; 50 msec.
for mechanical contact (for both ON and OFF)
Minimum span: 10 % of the selected frequency range
■ Open Collector & Mechanical Contact
Input requirements
(Excitation: Sensing: OFF: ON)
5 V: Approx. 4 V / 1.0 mA: ≥ 200 kΩ: ≤ 200 Ω
12 V: Approx. 9 V / 2.3 mA: ≥ 200 kΩ: ≤ 200 Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com