Electronic Components Datasheet Search
  English  ▼

X  

WJPAD2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WJPAD2
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WJPAD2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WJPAD2 Datasheet HTML 1Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 2Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 3Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 4Page - M-System Co.,Ltd. WJPAD2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: WJPAD2
WJPAD2 SPECIFICATIONS
ES-2275 Rev.2 Page 1/5
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
FREQUENCY TRANSMITTER
(field-programmable; built-in excitation)
Functions & Features
• Converts the output from a pulse-type transducer into a
standard process signal
• Built-in excitation
• Field-selectable input type and range: Open collector,
mechanical contact, voltage pulse or two-wire current pulse
• High-density mounting
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Measuring rotation speed of a machine generating dry
contact signals
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: WJPAD2-[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: WJPAD2-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. WJPAD2-7A6-K/Q)
• Special output ranges (For codes Z & 0)
• Use Ordering Information Sheet (No. ESU-2275). Factory
setting (indicated below) will be used if not otherwise
specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
■FACTORY DEFAULT SETTING
Input type
Open collector
Pulse sensing
DC coupled
Pulse amplitude
----
DC offset
----
Input zero frequency
0 Hz
Input span frequency
1000 Hz
Low-end cutout
-15.00 %
Non-uniform pulse compensation
1 (no compensation)
Alarm mode
High alarm
Alarm setpoint
100.00 %
Alarm deadband
1.00 %
Alarm on delay time
3.0 sec.
Linearization
Without
INPUT – Field-selectable
Open collector
Mechanical contact
Voltage pulse
Two-wire current pulse
[1] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)*
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)*


Similar Part No. - WJPAD2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA-111-B MSYSTEM-WJPA-111-B Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA-111-B/Q MSYSTEM-WJPA-111-B/Q Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA-111-C MSYSTEM-WJPA-111-C Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA-111-C/Q MSYSTEM-WJPA-111-C/Q Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WJPAD2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJFT MSYSTEM-WJFT Datasheet
194Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com