Electronic Components Datasheet Search
  English  ▼

X  

HM7136 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7136
Description  Adjustable Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7136 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7 of 7
● ESOP8 power dissipation
The power dissipation data for the ESOP8 is shown as below. The value of power dissipation varies with the mount
board conditions. Please use this data as the reference data taken in the following condions.
3. Measurement condition
Condition:
Mount on a board
Ambient:
Natural convection
Soldering:
Lead(pb) free
Board:
Dimensions 30*35mm (1050mm2 in one side)
Copper(Cu) traces occupy 50% of the board
Area in top and back faces
Material:
Glass Epoxy (FR-4)
Thickness:
1.6mm
Through-hole: 4*0.8 Diameter
4. Power dissipation vs. Ambient temperature
Evaluation Board( Unit:mm)
Board Mount (Tj max=125 ℃)
Ambient Temperature(℃)
Power Dissipation(mW)
Thermal Resistance(℃/W)
25
2000
66.67
85
700
Pd vs.Ta
0
400
800
1200
1600
2000
2400
25
35
45
55
65
75
85
95
105
115
125
Ambient temperature(℃)
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com