Electronic Components Datasheet Search
  English  ▼

X  

HM7136 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7136
Description  Adjustable Constant Current LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7136 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7136 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7136 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3 of 3
Pin Configuration
Pin Assignment
Pin Number
Pin Name
Functions
ESOP8
SOT89-5
2
1
CS
Output current detection
1
2
D(LED)
The negative input feet of LED
3
3
VDD
Power Input
5
4
GND
Ground
7
5
EXT
Driving external NMOS
4,6,8
NC
No connection
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VDD
18
V
Voltage on LED,CS
VLED, VCS,
-0.3~VDD+0.3
V
Voltage on EXT
VEXT
6
V
Output Current
IOUT
1.5
A
Power Dissipation
SOT89-5
PD
500
mW
1300(PCB mounted)(*1)
ESOP8
PD
400
mW
(T=25℃)
2000(PCB mounted)(*1)
Operating Temperature Range
TOPR
-
40~+125
℃
Storage Temperature Range
TSTG
-
40~+150
℃
Lead Temperature
260℃,4sec
ESD(ESD voltage for human body model )
VESD
2000
V
*1:The power dissipation figure shown in PCB mounted. Please refer to page8-9 for details.
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com