Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 5Page - Texas Instruments OPA210 Datasheet HTML 6Page - Texas Instruments OPA210 Datasheet HTML 7Page - Texas Instruments OPA210 Datasheet HTML 8Page - Texas Instruments OPA210 Datasheet HTML 9Page - Texas Instruments OPA210 Datasheet HTML 10Page - Texas Instruments OPA210 Datasheet HTML 11Page - Texas Instruments OPA210 Datasheet HTML 12Page - Texas Instruments OPA210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
Output Amplitude (VRMS)
1E-5
0.0001
0.001
0.01
0.1
1
10m
100m
1
10
-140
-120
-100
-80
-60
-40
G 1
G 1
f = 1 kHz
RL = 600 Ω
Figure 6-7. THD+N vs Output Amplitude
Temperature (qC)
-50
-25
0
25
50
75
100
125
-120
-90
-60
-30
0
30
60
90
120
5 typical units
Figure 6-8. Input Offset Voltage vs Temperature
Input Common-mode Voltage (V)
-15
-10
-5
0
5
10
15
-50
-30
-10
10
30
50
Vcm = -13.5 V
Vcm = 13.5 V
5 typical units
Figure 6-9. Offset Voltage vs Common-Mode Voltage
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
-50
-40
-30
-20
-10
0
10
20
30
40
50
5 typical units
Figure 6-10. Offset Voltage vs Supply Voltage
Frequency (Hz)
0
20
40
60
80
100
120
140
160
100m
1
10
100
1k
10k
100k
1M
10M
PSRR
PSRR
Figure 6-11. PSSR vs Frequency
Temperature (qC)
-50
-25
0
25
50
75
100
125
120
130
140
150
160
0.01
0.1
1
Figure 6-12. PSRR vs Temperature
www.ti.com
OPA210, OPA2210
SBOS924G – SEPTEMBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com