Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 12Page - Texas Instruments OPA210 Datasheet HTML 13Page - Texas Instruments OPA210 Datasheet HTML 14Page - Texas Instruments OPA210 Datasheet HTML 15Page - Texas Instruments OPA210 Datasheet HTML 16Page - Texas Instruments OPA210 Datasheet HTML 17Page - Texas Instruments OPA210 Datasheet HTML 18Page - Texas Instruments OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Figure 7-1 shows an example configuration that implements a current-limiting feedback resistor.
Output
R
F
Input
-
+
R
I
Figure 7-1. Pulsed Operation
7.3.3 Noise Performance
Figure 7-2 shows the total circuit noise for varying source impedances with the op amp in a unity-gain
configuration (no feedback resistor network, and therefore, no additional noise contributions). Two different op
amps are shown with the total circuit noise calculated. The OPAx210 have very low voltage noise, making these
devices a great choice for low source impedances (less than 2 kΩ). As a comparable, precision FET-input op
amp (very low current noise), the OPA827 has somewhat higher voltage noise, but lower current noise. The
device provides excellent noise performance at moderate to high source impedance (10 kΩ and up). For source
impedance lower than 300 Ω, the OPA211 may provide lower noise.
The equation in Figure 7-2 shows the calculation of the total circuit noise, with these parameters:
• en = voltage noise,
• in = current noise,
• RS = source impedance,
• k = Boltzmann's constant = 1.38 × 10–23 J/K, and
• T = temperature in kelvins
For more details on calculating noise, see Section 8.1.1.
100k
1M
Source Resistance, R (Ω)
S
100
1k
10k
10k
1k
100
10
1
R
S
E
O
E
= e
+ (i R ) + 4kTR
O
n
n
S
S
2
2
2
Resistor Noise
OPA827
OPAx210
Figure 7-2. Noise Performance of the OPAx210 and OPA827 in Unity-Gain Buffer Configuration
7.3.4 Phase-Reversal Protection
The OPAx210 have internal phase-reversal protection. Many FET- and bipolar-input op amps exhibit a phase
reversal when the input is driven beyond the linear common-mode range. This condition is most often
encountered in noninverting circuits when the input is driven beyond the specified common-mode voltage range,
causing the output to reverse into the opposite rail. The input circuitry of the OPAx210 prevents phase reversal
with excessive common-mode voltage; instead, the output limits into the appropriate rail (see Figure 6-30).
OPA210, OPA2210
SBOS924G – SEPTEMBER 2018 – REVISED APRIL 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com