Electronic Components Datasheet Search
  English  ▼

X  

OPA210 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA210
Description  OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA210 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA210 Datasheet HTML 19Page - Texas Instruments OPA210 Datasheet HTML 20Page - Texas Instruments OPA210 Datasheet HTML 21Page - Texas Instruments OPA210 Datasheet HTML 22Page - Texas Instruments OPA210 Datasheet HTML 23Page - Texas Instruments OPA210 Datasheet HTML 24Page - Texas Instruments OPA210 Datasheet HTML 25Page - Texas Instruments OPA210 Datasheet HTML 26Page - Texas Instruments OPA210 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
9 Power Supply Recommendations
The OPAx210 are specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from –
40°C to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are presented in Section 6.7.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including
the following guidelines:
• Noise from the amplifier can propagate into other analog circuits through the power pins of the amplifiers.
Use bypass capacitors to reduce the coupled noise by providing low-impedance power sources local to the
analog circuitry.
• Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as close
to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-supply
applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better than running
in parallel with the noisy trace.
• Place the external components as close to the device as possible.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• For best performance, clean the PCB following board assembly.
• Any precision integrated circuit may experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, bake the PCB to remove moisture introduced into
the device packaging during the cleaning process. A low-temperature, post-cleaning bake at 85°C for 30
minutes is sufficient for most circumstances.
10.2 Layout Example
OUT A
±IN A
+IN A
V±
OUT B
V+
+IN B
VS+
VS±
GND
Ground (GND) plane on another layer
VOUT A
VIN
GND
Run the input traces
as far away from
the supply lines
as possible
RF
RG
Place components
close to device and to
each other to reduce
parasitic errors
Use low-ESR,
ceramic bypass
capacitor
GND
Use a low-ESR,
ceramic bypass capacitor
±IN B
Figure 10-1. OPA2210 Layout Example
www.ti.com
OPA210, OPA2210
SBOS924G – SEPTEMBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA210 OPA2210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com