Electronic Components Datasheet Search
  English  ▼

X  

FTK5N80PD Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK5N80PD
Description  5.0 Amps, 800 Volts N-Channel MOS -FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N80PD Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK5N80PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 7Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FTK5N80P/F/DD
2013. 01. 03
4/8
Revision No : 0
0
5
10
15
20
0
1
2
3
4
5
6
7
Top V
GS
=15.0V
10.0V
8.0V
7.0V
6.0V
5.0V
4.5V
Bottom
4.0V
1. T
C
= 25℃
2. 250μs Pulse Test
Drain-Source Voltage, V
DS
[V]
0
2
4
6
8
10
0.1
1
10
V
DS
= 30V
250 μs Pulse Test
-55℃
150℃
25℃
Gate-Source Voltage, V
GS
[V]
0
2
4
6
8
10
1
2
3
4
5
V
GS
= 20V
V
GS
= 10V
T
J
= 25℃
Drain Current,I
D
[A]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
2
4
6
8
10
12
25℃
150℃
V
GS
= 0V
250μs Pulse Test
Source-Drain Voltage, V
SD
[V]
10
0
10
1
0
400
800
1200
1600
C
iss
= C
gs
+ C
gd
(C
ds
= shorted)
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
V
GS
= 0 V
f = 1 MHz
C
rss
C
oss
C
iss
Drain-Source Voltage, V
DS
[V]
0
5
10
15
20
25
0
2
4
6
8
10
12
V
DS
= 400V
V
DS
= 160V
V
DS
= 640V
I
D
= 4A
Total Gate Charge, Q
G
[nC]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com