Electronic Components Datasheet Search
  English  ▼

X  

FTK5N80PD Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTK5N80PD
Description  5.0 Amps, 800 Volts N-Channel MOS -FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N80PD Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK5N80PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 7Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by R G
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
I RM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms
2013. 01. 03
7/8
Revision No : 0
FTK5N80P/F/DD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com