Electronic Components Datasheet Search
  English  ▼

X  

FTK5N80PD Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK5N80PD
Description  5.0 Amps, 800 Volts N-Channel MOS -FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N80PD Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK5N80PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 7Page - First Silicon Co., Ltd FTK5N80PD Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FTK5N80P/F/DD
2013. 01. 03
5/8
Revision No : 0
FTK5N80P
FTK5N80F
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = 10 V
I
D = 2 A
Junction Temperature, T
J [
oC]
-80
-40
0
40
80
120
160
0.0
0.5
1.0
1.5
V
GS = 10 V
I
D = 250
�
A
Junction Temperature, T
J [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
100 us
DC
100 ms
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
T
C = 25
oC
T
J = 150
oC
Single Pulse
Drain-Source Voltage, V
DS [V]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10 us
100 us
DC
100 ms
10 ms
1 ms
Operation in This Area
is Limited by R
DS(on)
T
C = 25
oC
T
J = 150
oC
Single Pulse
Drain-Source Voltage, V
DS [V]
25
50
75
100
125
150
0
1
2
3
4
5
Case Temperature, T
C [
℃
]
-80
-40
0
40
80
120
160
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
V
GS = 0 V
I
D
= 250 μA
Junction Temperature,T
J [
oC]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com