Electronic Components Datasheet Search
  English  ▼

X  

FTK8N65PD Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK8N65PD
Description  8.0 Amps, 650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8N65PD Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK8N65PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ω
2011. 08. 26
6/7
FTK8N65P / F / DD
Revision No : 0
VDS, Drain-Source Voltage[V]
VGS, Gate-Source Voltage[V]
Figure 1.On-Region Characteristics
Figure 2.Transfet Characteristics
V
GS
Top:
15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
5.5V
Bottom: 5.0V
Notes
1.250us Pulse Test
2.T
c=25!
100
101
10-1
150!
25!
-55!
Notes:
1.V
DS=40V
2. 250us Pulse test
100
101
10-1
10-1
100
101
2
6
4
8
10
ID, Drain Current[A]
V
GS=10V
V
GS=20V
Note:T
J=25
Figure 3.On-Resistance Variation vs
Drain Current and Gate Voltage
1.0
1.5
2.0
0.5
2.5
3.0
3.5
0
5
10
15
20
VSD, Source-Drain voltage[V]
Notes:
1.V
GS=0V
2. 250us Pulse Test
150!
25!
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
100
101
10-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
C
iss=Cgs+Cgd(Cgd=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
Notes:
1.V
GS=0V
2. f=1MHZ
VDS, Drain-Source Voltage [V]
Figure 5.Capacitance Characteristics
C
iss
C
oss
C
rss
0
200
400
600
800
1000
1400
1600
1200
1800
2000
10-1
100
101
V
DS=120V
V
DS=300V
V
DS=480V
Note:I
D=8A
QG, Total Gate Charge[nC]
Figure 6. Gate Charge Characteristics
2
10
4
6
8
12
0
0
5
30
10
15
20
25
℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com