Electronic Components Datasheet Search
  English  ▼

X  

FTK8N65PD Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FTK8N65PD
Description  8.0 Amps, 650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8N65PD Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FTK8N65PD Datasheet HTML 1Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 2Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 3Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 4Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 5Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 6Page - First Silicon Co., Ltd FTK8N65PD Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2011.08. 26
7/7
Revision No : 0
Figure 10. Maximum Drain Current
vs. Case Temperature
TC, Case Temperature [u ]
Notes:
1.VGS=0V
2. ID=250uA
TJ, JunctionTemperature [ ]
Figure 7. Breakdown Voltage Variation
vs Temperature
Notes:
1.VGS=10V
2. ID=4A
TJ, JunctionTemperature [u ]
Figure 8. On-Resistance Variation
vs Temperature
0.8
1.1
0.9
1.0
1.2
-100
-50
100
-50
0
50
150
200
-100
-50
100
0
50
150
200
0.0
1.5
0.5
1.0
2.5
2.0
3.0
75
50
100
125
150
100
10-1
10-2
Notes:
1. Z jc(t)=2.6! /W Max.
2. Duty Factor,D=t1/t2
3. TJM-TC=PDM*Z JC(t)
PDM
D=0.5
0.2
0.1
0.05
0.02
0.01
Figure 11. Transient Thermal Response Curve
t1,Square Wave Pulse Duration[sec]
Single pulse
10-5
10-4
10-3
10-2
10-1
100
101
Figure 9. Maximum Safe Operating Area
VDS, Drain-Source VoltageWave[V]
Operation in This Area
Is Limited by RDS(on)
10us
100us
1ms
10ms
100ms
DC
Notes:
1. TC=25!
2. TJ=150!
3. Single Pulse
0
2
4
8
6
25
100
101
102
103
100
10-1
10-2
101
102
FTK8N65P / F / DD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com