Electronic Components Datasheet Search
  English  ▼

X  

HM7902A Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7902A
Description  USB charging protocol port controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7902A Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7902A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5.2 Divider模式设定
针对苹果系列设备的
Divider模式设定:
如定义为
5W充电器,将DP与USB接口的D-端、DM与USB接口的D+端连接;
如定义为
10W充电器,将DP与USB接口的D+端、DM与USB接口的D-端连接。如下图所示:
图
2 左Divider1协议(5W),右Divider2协议(10W)
如需支持单路
USB的12W充电器,将
HM7901的CB端连接至GND,DP/DM与USB端子D+/D-端连接方式
无要求。
如需支持双路
USB的12W充电器,请使用
HM7902A,同样对DP/DM与USB端子D+/D-端连接方式无要求。
6.应用电路图
图
3
HM7901电路示意图
H
M7901/HM7902
5/8页
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com