Electronic Components Datasheet Search
  English  ▼

X  

HM7902A Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7902A
Description  USB charging protocol port controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7902A Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7902A Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7902A Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8.封装信息
8.1 SOT23-5L
图
5 SOT23-5L封装图
表
6 SOT23-5L封装尺寸
符号
尺寸
(mm单位)
符号
尺寸
(mm单位)
最小值
典型值
最大值
最小值
典型值
最大值
A
2.82
-
3.02
D1
0.40
-
0.50
A1
0.90
-
1.00
D2
-
0.254
-
A2
0.35
-
0.45
D3
0.60
-
0.70
B
1.52
-
1.72
θ
-
9°
-
B1
2.80
-
3.00
θ1
-
10°
-
B2
0.119
-
0.135
θ2
-
0~8°
-
C
1.05
-
1.15
θ3
-
6°
-
C1
0.03
-
0.13
R
-
<0.2
-
C2
0.60
-
0.70
R1
-
0.08
-
D
0.03
-
0.13
R2
-
0.08
-
H
M7901/HM7902
7/8页
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com