Electronic Components Datasheet Search
  English  ▼

X  

DRV102F Datasheet(PDF) 16 Page - Texas Instruments

Part # DRV102F
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102F Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV102F Datasheet HTML 12Page - Texas Instruments DRV102F Datasheet HTML 13Page - Texas Instruments DRV102F Datasheet HTML 14Page - Texas Instruments DRV102F Datasheet HTML 15Page - Texas Instruments DRV102F Datasheet HTML 16Page - Texas Instruments DRV102F Datasheet HTML 17Page - Texas Instruments DRV102F Datasheet HTML 18Page - Texas Instruments DRV102F Datasheet HTML 19Page - Texas Instruments DRV102F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
DRV102
16
SBVS009A
www.ti.com
FIGURE 17. Improved Switching Time When Driving Multiple Loads.
DRV102
1
34
R
PWM
150k
Ω
C
D
0.047
µF
5
+40V (max for TPIC6273)
(25% Duty Cycle)
Reduced mechanical actuation delay with high voltage pull-in followed by low duty cycle
V
S
6
Out
2
On/Off
Full power pulse width is control
plus interval set by CD.
4
20
+5V
10
5
6
TI TPIC6273
(Octal Power Switch)
TTL/CMOS Solenoid Selection Inputs
7
14
15
16
17
74LS05
Control
11
238912
13
18
19
• • •
• • •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com