Electronic Components Datasheet Search
  English  ▼

X  

DRV102F Datasheet(PDF) 17 Page - Texas Instruments

Part # DRV102F
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102F Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV102F Datasheet HTML 13Page - Texas Instruments DRV102F Datasheet HTML 14Page - Texas Instruments DRV102F Datasheet HTML 15Page - Texas Instruments DRV102F Datasheet HTML 16Page - Texas Instruments DRV102F Datasheet HTML 17Page - Texas Instruments DRV102F Datasheet HTML 18Page - Texas Instruments DRV102F Datasheet HTML 19Page - Texas Instruments DRV102F Datasheet HTML 20Page - Texas Instruments DRV102F Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DRV102
17
SBVS009A
www.ti.com
FIGURE 18. (a) Constant Temperature Controller. (b) Improved Accuracy Constant Temperature Controller.
On/Off
Thermistor
DRV102
REF200
V
S
Heating
Element
Duty Cycle
Adjust
1
Delay
Adjust
2
Gnd
4
3
5
6
Out
12
0.1
µF
2
µF Film
7
2
3
4
6
100
µA
100
µA
1k
Ω
10k
Ω
10M
Ω
OPA134
IN4148(1)
or
Thermistor
5k
Ω at +25°C
20k
Ω
4.7V
Integrator improves accuracy
NOTE: (1) Or any common silicon diode suited
to the mechanical mounting requirements.
Temperature
Control
Higher temperature results
in lower duty cycle.
Higher temperature results
in lower duty cycle.
7, 8
R
1
R
2
0.1
µF
On/Off
DRV102
Heating
Element
Duty
Cycle
Adjust
a)
b)
1
Delay
Adjust
2
Gnd
4
3
5
V
S
V
S
6
Out
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com