Electronic Components Datasheet Search
  English  ▼

X  

DRV102F Datasheet(PDF) 3 Page - Texas Instruments

Part # DRV102F
Description  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102F Datasheet(HTML) 3 Page - Texas Instruments

  DRV102F Datasheet HTML 1Page - Texas Instruments DRV102F Datasheet HTML 2Page - Texas Instruments DRV102F Datasheet HTML 3Page - Texas Instruments DRV102F Datasheet HTML 4Page - Texas Instruments DRV102F Datasheet HTML 5Page - Texas Instruments DRV102F Datasheet HTML 6Page - Texas Instruments DRV102F Datasheet HTML 7Page - Texas Instruments DRV102F Datasheet HTML 8Page - Texas Instruments DRV102F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DRV102
3
SBVS009A
www.ti.com
CONNECTION DIAGRAMS
Top Front View
TO-220, DDPAK
Supply Voltage, VS .............................................................................. 60V
Input Voltage .......................................................................... –0.2V to VS
PWM Adjust Input ................................................ –0.2V to VS (24V max)
Delay Adjust Input ................................................ –0.2V to VS (24V max)
Operating Temperature Range ...................................... –55
°C to +125°C
Storage Temperature Range ......................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s)(2) ........................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Vapor-phase or IR reflow techniques are recom-
mended for soldering the DRV102F surface-mount package. Wave soldering
is not recommended due to excessive thermal shock and “shadowing” of
nearby devices.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.
7-Lead
Stagger-Formed
TO-220
NOTE: Tabs are electrically connected to ground (pin 4).
123 4 5 6 7
7-Lead
DDPAK
Surface-Mount
PWM
PWM
Gnd
Out
V
S
Delay
In
123 4 5 6
Flag
Gnd
Out
V
S
Delay
In
Flag
7
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Ordering Addendum at the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com