Electronic Components Datasheet Search
  English  ▼

X  

AM79R251JC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM79R251JC
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251JC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM79R251JC Datasheet HTML 2Page - Advanced Micro Devices AM79R251JC Datasheet HTML 3Page - Advanced Micro Devices AM79R251JC Datasheet HTML 4Page - Advanced Micro Devices AM79R251JC Datasheet HTML 5Page - Advanced Micro Devices AM79R251JC Datasheet HTML 6Page - Advanced Micro Devices AM79R251JC Datasheet HTML 7Page - Advanced Micro Devices AM79R251JC Datasheet HTML 8Page - Advanced Micro Devices AM79R251JC Datasheet HTML 9Page - Advanced Micro Devices AM79R251JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
Am79R251
ORDERING INFORMATION
AMD standard products are available in several packages and operating ranges. The ordering number (valid
combination) is formed by a combination of the elements below. An ISLAC device must be used with this part.
J
Valid Combinations
Valid combinations list configurations planned to
be supported in volume for this device. Consult
the local AMD sales office to confirm availability
of specific valid combinations, and to check on
newly released valid combinations.
DEVICE NAME/DESCRIPTION
Am79R251
Intelligent Subscriber Line Interface Circuit
TEMPERATURE RANGE
C= Commercial (0°C to +70°C)*
PACKAGE TYPE
J = 32-pin plastic leaded chip carrier (PL032)
Am79R251
C
Valid Combinations
Am79R251
JC
Note:
*Functionality of the device from 0°C to 70°C is guaranteed by production testing. Performance from –40°C to +85°C
is guaranteed by characterization and periodic sampling of production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com