Electronic Components Datasheet Search
  English  ▼

X  

AM79R251JC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79R251JC
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251JC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79R251JC Datasheet HTML 10Page - Advanced Micro Devices AM79R251JC Datasheet HTML 11Page - Advanced Micro Devices AM79R251JC Datasheet HTML 12Page - Advanced Micro Devices AM79R251JC Datasheet HTML 13Page - Advanced Micro Devices AM79R251JC Datasheet HTML 14Page - Advanced Micro Devices AM79R251JC Datasheet HTML 15Page - Advanced Micro Devices AM79R251JC Datasheet HTML 16Page - Advanced Micro Devices AM79R251JC Datasheet HTML 17Page - Advanced Micro Devices AM79R251JC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
Am79R251
ELECTRICAL CHARACTERISTICS
Power Dissipation
Loop resistance = 0 to
∞ unless otherwise noted (not including fuse resistors), 2 x 50 Ω fuse resistors,
BATL = -40 V, BATH = –68 V, BATP = +52 V, VCC = +5 V. For power dissipation measurements,
DC-feed conditions are as follows:
•
ILA (Active mode current limit) = 25 mA (IRSN = 50
µA)
•
RFD (Feed resistance) = 500
Ω
•
VAS (Anti-sat activate voltage) = 10 V
•
VAPP (Apparent Battery Voltage) = 48 V
•
RTMG1 = RTMG2 (Thermal management resistors) = 1 k
Ω
Description
Test Conditions
Min
Typ
Max
Unit
Power Dissipation
Normal Polarity
On-Hook Disconnect
TBD
mW
On-Hook Standby
TBD
On-Hook Transmission
ISLIC
Fixed Longitudinal Voltage
TBD
On-Hook Active High Battery ISLIC
TBD
Off-Hook Active Low Battery
ISLIC
RL = 294
Ω
TMG
TBD
Power Supply Currents
On-Hook Disconnect
VBH
VBL
VCC
TBD
mA
On-Hook Standby
VBH
VBL
VCC
TBD
On-Hook Transmission
VBH
Fixed Longitudinal Voltage
VBL
VCC
TBD
On-Hook Active High Battery
VBH
VBL
VCC
TBD
Off-Hook Active Low Battery
VBH
RL = 294
Ω
VBL
VCC
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com