Electronic Components Datasheet Search
  English  ▼

X  

AM79R251JC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79R251JC
Description  Intelligent Subscriber Line Interface Circuit (ISLIC)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79R251JC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79R251JC Datasheet HTML 11Page - Advanced Micro Devices AM79R251JC Datasheet HTML 12Page - Advanced Micro Devices AM79R251JC Datasheet HTML 13Page - Advanced Micro Devices AM79R251JC Datasheet HTML 14Page - Advanced Micro Devices AM79R251JC Datasheet HTML 15Page - Advanced Micro Devices AM79R251JC Datasheet HTML 16Page - Advanced Micro Devices AM79R251JC Datasheet HTML 17Page - Advanced Micro Devices AM79R251JC Datasheet HTML 18Page - Advanced Micro Devices AM79R251JC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Am79R251
15
Thermal Resistance
The junction to air thermal resistance of the Am79R251 in a 32-pin, PLCC package is 45°C/W. The
typical junction to case thermal resistance is 14°C/W. Measured under free air convection conditions
and without external heatsinking.
Absolute Maximum Ratings
Operating Ranges
Operating ranges define those limits between which device functionality is guaranteed. Functionality
of the device from 0°C to 70°C is guaranteed by production testing. Performance from –40°C to
85°C is guaranteed by characterization and periodic sampling of production units.
Environmental Ranges
Storage Temperature
–55 to +150° C
Ambient temperature, under bias
–40 to +85° C
Humidity
TBD
VCC with respect to GND
–0.4 to +7 V
VBH, VBL with respect to GND2
+0.4 to –85 V
VBP with respect to GND
–0.4 to +85 V
VBP with respect to VBH
150 V
BGND with respect to GND
–3 to +3V
Voltage on R1 relay outputs
+7 V
AD or BD to BGND:
Continuous
VBH – 1 to VBP + 1
10 ms (F = 0.1 Hz)
VBH – 5 to VBP + 5
1 µs (F = 0.1 Hz)
VBH – 10 to VBP + 10
250 ns (F = 0.1 Hz)
VBH – 15 to VBP + 15
Current into SA or SB: 10 µs rise to Ipeak; 1000 µs fall to 0.5 Ipeak;
2000 µs fall to I =0
Ipeak = ±5 mA
Current into SA or SB: 2 µs rise to Ipeak; 10 µs fall to 0.5 Ipeak; 20 µs fall to I = 0
Ipeak = ±12.5 mA
SA SB continuous
5 mA
Current through AD or BD
± 150 mA
P1, P2, P3, LD to GND
–0.4 to VCC + 0.4 V
ESD Immunity (Human Body Model)
1500 V min
Maximum power dissipation,1TA = 70°C
TA = 85°C
1.67 W
1.33 W
Note 1: Thermal limiting circuitry on chip will shut down the circuit at a junction temperature of about 165°C.
The device should never see this temperature. Operation above 145° C junction temperature may
degrade device reliability.
Note 2: Rise time of VBH (dv/dt) must be limited to less than 27 v/
µs.
Ambient Temperature
0 to 70°C Commercial
–40 to +85 °C extended temperature
Ambient Relative Humidity
15 to 85%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com