Electronic Components Datasheet Search
  English  ▼

X  

1007352 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1007352
Description  Special function module - AXL F PWM2 1H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007352 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1007352 Datasheet HTML 1Page - PHOENIX CONTACT 1007352 Datasheet HTML 2Page - PHOENIX CONTACT 1007352 Datasheet HTML 3Page - PHOENIX CONTACT 1007352 Datasheet HTML 4Page - PHOENIX CONTACT 1007352 Datasheet HTML 5Page - PHOENIX CONTACT 1007352 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/1007352
05/20/2021   Page 3 / 6
Special function module - AXL F PWM2 1H - 1007352
Technical data
Axioline potentials
Protective circuit
Surge protection electronic (35 V, 0.5 s)
Reverse polarity protection parallel diode; with external 1 A fuse (for start-
up only)
Digital outputs
Output name
PWM outputs
Operating mode
PWM, pulse generator, push-pull output
Connection method
Push-in connection
Connection technology
2-conductor
Number of outputs
2
Frequency range
0 Hz ... 65535 Hz
Pulse duty factor
0 % ... 100 %
Nominal output voltage
24 V (UO - 1.1 V)
5 V DC
Nominal current IN
max. 500 mA (at 24 V DC)
max. 10 mA (at 5 V DC)
Nominal load, ohmic
max. 12 W (at 24 V DC nominal voltage)
max. 50 mW (at 5 V DC nominal voltage)
Nominal load, inductive
max. 12 VA (at 24 V DC nominal voltage)
max. 50 mVA (at 5 V DC nominal voltage)
Nominal load, lamp
max. 6 W (at nominal voltage)
Short-circuit-proof
yes
Short-circuit current
typ. 24 mA (5 V output)
Transient surge protection
yes
Standards and Regulations
Immunity to ESD
Noise immunity test in accordance with EN 61000-6-2 Electrostatic
discharge (ESD) EN 61000-4-2/IEC 61000-4-2 Criterion B, 6 kV contact
discharge, 8 kV air discharge
Immunity to EF
Noise immunity test in accordance with EN 61000-6-2 Electromagnetic
fields EN 61000-4-3/IEC 61000-4-3 Criterion A, Field intensity: 10 V/m
Immunity to burst
Noise immunity test in accordance with EN 61000-6-2 Fast transients
(burst) EN 61000-4-4/IEC 61000-4-4 Criterion B, 2 kV
Immunity to surge
Noise immunity test in accordance with EN 61000-6-2 Transient
overvoltage (surge) EN 61000-4-5/IEC 61000-4-5 Criterion B, DC supply
lines: ±0.5 kV/±0.5 kV (symmetrical/asymmetrical)
Immunity to conducted interference
Noise immunity test in accordance with EN 61000-6-2 Conducted
interference EN 61000-4-6/IEC 61000-4-6 Criterion A, Test voltage 10 V
Interference emission
Noise emission test according to EN 61000-6-3 Class B
Mechanical tests
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6 5g
Shock in acc. with EN 60068-2-27/IEC 60068-2-27 30g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com